Part Number Hot Search : 
BD101 7Z020 KBPC3 SSF2429 C0402C AO4801 4069U SD05H
Product Description
Full Text Search
 

To Download BD8150T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BD840T~BD8200T
THROUGH HOLE MOUNT SCHOTTKY BARRIER RECTIFIERS
VOLTAGE FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O * For surface mounted applications * Low profile package * Built-in strain relief * High surge capacity * In compliance with EU RoHS 2002/95/EC directives
.307(7.8) .283(7.2) .225(5.7) .209(5.3)
.264(6.7) .248(6.3) .098(2.5) .082(2.1) .024(0.6) .016(0.4)
40 to 200 Volts
CURRENT
8 Ampere
TO-251AB
Unit : inch (mm)
* Low power loss, High efficiency
.063(1.6) .047(1.2)
.216(5.5) .200(5.1)
PRELIMINARY
MECHANICALDATA
* Case: TO-251AB molded plastic * Terminals: Solder plated, solderable per MIL-STD-750,Method 2026 * Polarity: As marking * Standard packaging: 16mm tape (EIA-481) * Weight: 0.0104 ounces, 0.297grams.
.032(0.8) .012(0.3) .09 .09 (2.3) (2.3)
.071(1.8) .051(1.3)
.02(0.5)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Resistive or inductive load.
PARAMETER Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current ( S e e F i g u r e 1 ) Peak Forward Surge Current :8.3ms single half sine-wave superimposed on rated load(JEDEC method) Maximum Forward Voltage at 8.0A Maximum DC Reverse Current TJ=25O C at Rated DC Blocking Voltage TJ=100O C Typical Thermal Resistance O p e r a t i n g J u n c t i o n a n d S t o r a g e Te m p e r a t u r e R a ng e
SYMBOL VRRM VRMS VDC I F(AV) IFSM VF IR RJC TJ , TS T G
BD840T
BD845T
BD850T
BD860T
BD880T
BD890T
BD8100T
BD8150T
BD8200T
UNITS V V V A A
40 28 40
45 31.5 45
50 35 50
60 42 60
80 56 80 8 85
90 63 90
100 70 100
150 105 150
200 140 200
0.70
0.75 0.05 20 5
0.80
0.90
V mA
O
C/W
O
-5 5 to +1 5 0
-65 to +175
C
STAD-APR.30.2009
PAGE . 1
BD840T~BD8200T
RATING AND CHARACTERISTIC CURVES
AVERAGE FORWARD RECTIFIED CURRENT AMPERES
8.0 6.0 4.0 2.0 0
= 40V = 45-200V
PEAK FORWARD SURGE CURRENT AMPERES
10.0
120 100 80 60 40 20 0
INSTANTANEOUS REVERSE CURRENT, mA
1.0
T J =100 C
O
INSTANTANEOUS FORWARD CURRENT AMPERES
PRELIMINARY
0
20
40
60
80
100
120
O
140
160
180
CASE TEMPERATURE, C Fig.1- FORWARD CURRENT DERATING CURVE
1
2
5
10
20
50
100
NO. OF CYCLE AT 60Hz
Fig.2- MAXIMUM NON - REPETITIVE SURGE CURRENT
10
40 40~45V
T J = 75 O C
10 8 6 4 2 1.0 .8 .6 .4 .2 .1 .5 .6 .7 .8 .9
50V~60V
0.1
T J = 25 O C
80V~100V
.01
150V~200V
.001
0
20
40
60
80
100 120
140
1.0
1.2
1.4
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.3- TYPICAL REVERSE CHARACTERISTICS
Fig.4- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
STAD-APR.30.2009
PAGE . 2


▲Up To Search▲   

 
Price & Availability of BD8150T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X